Part Number Hot Search : 
LTM4605 D6102G V285ME10 SSH6N55A SPP20N60 SDR605 PS100 12C887
Product Description
Full Text Search
 

To Download W91410-SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W91410 SERIES TONE/PULSE DIALER WITH SAVE FUNCTION
GENERAL DESCRIPTION
The W91410 series are monolithic ICs that provide the necessary signals for either pulse or tone dialing. The W91410 series feature a redial and save memory.
FEATURES
* * * * * * * * * * * * *
DTMF/Pulse switchable dialer Two by 32 digits for redial and save memory Pulse-to-tone (PT) keypad for long distance call operation Break/Make ratio is selectable by pin option Uses 4 x 4 keyboard Easy operation with redial, flash, pause, and PT keypads Flash, pause, PT (Pulse-to-tone) can be stored as a digit in memory Minimum tone output duration: 100 mS Minimum intertone pause: 100 mS On-chip power-on reset Uses 3.579545 MHz crystal or ceramic resonator Packaged in 18-pin plastic DIP The different dialers in the W91410 series are shown in the following table: TYPE NO. W91412/A W91414/A W91416 PULSE (ppS) 10/20 10/20 10/20 FLASH (mS) 600/300 73/100 600 FLASH PAUSE (mS) 600/300 140/100 600 PAUSE (S) 2.0 3.6 3.6
-1-
Publication Release Date: January 1995 Revision A3
W91410 SERIES
PIN CONFIGURATION
C1 C2 C3 C4 B/M VSS XT XT T/P MUTE
1 2 3 4 5 6 7 8 9
18 17 16 15 14 13 12 11 10
R4 R3 R2 R1 VDD MODE DTMF DP HKS
PIN DESCRIPTION
SYMBOL ColumnRow Inputs PIN 1-4 & 15-18 7, 8 9 I/O I FUNCTION The keyboard input may be from either the standard 4 x 4 keyboard or an inexpensive single contact (form A) keyboard. Electronic input from a C can also be used. A valid key entry is defined as a single row being connected to a single column. A built-in inverter provides oscillation with an inexpensive 3.579545 MHz crystal or ceramic resonator. The T/P MUTE is a conventional CMOS N-channel open drain output. The output transistor is switched on during pulse and tone mode dialing sequence and flash break. Otherwise, it is switched off. Pulling mode pin to VSS places the dialer in tone mode. Pulling mode pin to VDD places the dialer in pulse mode (10 ppS). Leaving mode pin floating places the dialer in pulse mode (20 ppS). Hook switch input. HKS = 1: On-hook state. Chip in sleeping mode, no operation. HKS = 0: Off-hook state. Chip enabled for normal operation. The HKS pin is pulled to VDD by an internal resistor.
XT, XT T/P MUTE
I, O O
MODE
13
I
HKS
10
I
-2-
W91410 SERIES
Pin Description, continued
SYMBOL DP DTMF
PIN 11 12
I/O O O
FUNCTION N-channel open drain dialing pulse output (Figure 1). Flash key will cause DP to go active in both pulse and tone mode. In pulse mode, remains in low state at all times. In tone mode, outputs a dual or single tone. Detailed timing diagram for tone mode is shown in Figure 2(a, b).
OUTPUT FREQUENCY Specified R1 R2 R3 R4 C1 C2 C3 697 770 852 941 1209 1336 1477 Actual 699 766 848 948 1216 1332 1472 Error % +0.28 -0.52 -0.47 +0.74 +0.57 -0.30 -0.34
VDD, VSS B/M
14, 6 5
I I
Power input pins. The break make ratio is 60:40 if B/M = 1 and is 66.6:33.3 if B/M = 0. This pin has no function in DTMF mode.
-3-
Publication Release Date: January 1995 Revision A3
W91410 SERIES
BLOCK DIAGRAM
XT XT
HKS B/M MODE SYSTEM CLOCK GENERATION
READ/WRITE COUNTER ROW (R1 to R4) KEYBOARD INTERFACE RAM
CONTROL LOGIC PULSE CONTROL LOGIC
T/P MUTE
DP
COLUMN (C1 to C4)
LOCATION LATCH
DTMF
D/A CONVERTER
ROW & COLUMN PROGRAMMABLE COUNTER
DATA LATCH & DECODER
FUNCTIONAL DESCRIPTION
Keyboard Operation
C1 1 4 7 *
* * * *
C2 2 5 8 0
C3 3 6 9 #
C4 SAVE F PT R/P R1 R2 R3 R4
F: Flash key R/P: Redial and pause function key PT: Pulse mode to tone mode SAVE: Save memory key
-4-
W91410 SERIES
Normal Dialing
OFF HOOK , D1 , D2 , ..., Dn 1. D1, D2, ..., Dn will be dialed out. 2. Dialing length is unlimited, but redial is inhibited if length oversteps 32 digits.
Redialing
OFF HOOK The R/P , D1 , D2 , ..., Dn BUSY, COME ON HOOK , OFF HOOK , R/P
key can execute the redial function only as the first key-in after off-hook; otherwise, it
will execute the pause function.
Access Pause
OFF HOOK , D1 , D2 , R/P , D3 , ..., Dn
1. The pause function can be stored in memory. 2. The pause function is executed in normal dialing or memory dialing. 3. The pause function timing diagram is shown in Figure 3.
Pulse-to-tone (PT)
OFF HOOK , D1 , D2 , ..., Dn , PT , D1' , D2' , ..., Dn'
1. If the mode switch is set to pulse mode, then the output signal will be: D1, D2, ..., Dn, Pause, D1', D2', ..., Dn' (Pulse) (Tone)
2. If the mode switch is set to tone mode, then the output signal will be: D1, D2, ..., Dn, (Tone) PT (Pause) D1, D2, ..., Dn, (Tone)
3. The dialer remains in tone mode when the digits have been dialed out and can be reset to pulse mode only by going on-hook. 4. The PT function timing diagram is shown in Figure 4.
-5-
Publication Release Date: January 1995 Revision A3
W91410 SERIES
Flash
OFF HOOK , F 1. Flash key can be stored as a digit in memory. 2. The system will return to the initial state after the break time is finished. 3. The flash function timing diagram is shown in Figure 5. OFF HOOK , D1 D1 , to D2 Dn , ..., Dn , SAVE SAVE key is pressed, D1 to Dn will be
1. If the dialing of
is finished and the
copied to the SAVE memory. ON HOOK , OFF HOOK , SAVE
2. D1 to Dn will be dialed out after the SAVE key is pressed.
ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage Input/Output Voltage SYMBOL VDD-VSS VIL VIH VOL VOH Power Dissipation Operating Temperature Storage Temperature PD TOPR TSTG RATING -0.3 to +7.0 VSS -0.3 VDD +0.3 VSS -0.3 VDD +0.3 120 -20 to +70 -55 to +125 UNIT V V V V V mW C C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
-6-
W91410 SERIES
DC CHARACTERISTICS
(VDD-VSS = 2.5V, Fosc. = 3.58 MHz, TA = 25 C, all outputs unloaded)
PARAMETER Operating Voltage Operating Current Standby Current Memory Retention Current DTMF Output Voltage Pre-emphasis DTMF Distortion DTMF Output DC Level DTMF Output Sink Current DP Output Sink Current T/P MUTE Output Sink Current HKS I/P Pull-high Resistor Keypad Input Drive Current Keypad Input Sink Current Keypad Resistance
SYMBOL VDD IOP ISB IMR VTO Tone Pulse
CONDITIONS
MIN. 2.0 130 1 1.0 0.2 0.5 0.5 -
TYP . 0.3 0.15 150 2 -30 300 400 -
MAX. 5.5 0.5 0.3 15 0.2 170 3 -23 3.0 5.0
UNIT V mA mA A A mVrms dB dB V mA mA mA K A A K
HKS = 0, No load, & No key entry HKS = 1, VDD = 1.0V Row group, RL = 5 K Col/Row, VDD = 2.0 to 5.5V
THD VTDC ITL IPL IML RKH IKD IKS
RL = 5 K, VDD = 2.0 to 5.5V RL = 5 K, VDD = 2.0 to 5.5V VTO = 0.5V VPO = 0.5V VMO = 0.5V
VI = 0V VI = 2.5V
30 200 -
-7-
Publication Release Date: January 1995 Revision A3
W91410 SERIES
AC CHARACTERISTICS
PARAMETER Keypad Active in Debounce Key Release Debounce Pre-digit Pause1 SYMBOL TKID TKRD TPDP1 10 ppS Pre-digit Pause2 Interdigit Pause (Auto dialing) Make/Break Ratio DTMF Output Duration Intertone Pause Flash Break Time TPDP2 20 ppS TIDP B/M = 1 B/M = 0 B/M = 1 B/M = 0 10 ppS 20 ppS M/B TTD TITP TFB B/M = 1 B/M = 0 Auto Dialing Auto Dialing W91414 W91414A W91412A W91412/W91416 Flash Pause Time TFP W91414A W91414 W91412A W91412/W91416 Pause Time TP W91412 W91414/A/W9141 6
Notes: 1. Crystal parameters suggested for proper operation are Rs < 100 , Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF, FOSC. = 3.579545 MHz 0.02%. 2. Crystal oscillator accuracy directly affects these times.
CONDITIONS
MIN. -
TYP. 20 20 40 33.3 20 16.7 800 500 40:60 33:67 100 100 73 100 300 600 100 140 300 600 2.0 3.6
MAX. -
UNIT mS mS mS mS mS
% mS mS mS
mS
S
-7-
Publication Release Date: January 1995 Revision A3
W91410 SERIES
TIMING WAVEFORMS
HKS
KEY IN
4 T KID
2
2
B
DP T PDP
M TIDP
TIDP
TIDP
T/P MUTE
DTMF
LOW
OSC.
OSCILLATION NORMAL DIALING
OSCILLATION
Figure 1(a). Pulse Mode Timing Diagram
HKS
KEY IN
R/P
DP
B
M
TPDP
TIDP
TIDP
TIDP
T/P MUTE LOW DTMF
OSC. ON HOOK
OSCILLATION AUTO DIALING
Figure 1(b). Pulse Mode Timing Diagram
-8-
W91410 SERIES
Timing Waveforms, continued
HKS
KEY IN TKID T ITP TKRD TKRD TITP TKID T ITP
DTMF
TTD
T/P MUTE
DP
HIGH
OSC.
OSCILLATION NORMAL DIALING
OSCILLATION
Figure 2(a). Tone Mode Timing Diagram
HKS
KEY IN
R/P TKID
DTMF TTD T ITP T/P MUTE TITP
DP HIGH
OSC.
OSCILLATION
Figure 2(b). Tone Mode Auto Dialing Timing Diagram
- 10 -
W91410 SERIES
Timing Waveforms, continued
HKS
KEY IN
4 TKID
2
R/P
2
DP
B TPDP
M T IDP
B
M TIDP
B
M
TIDP
T/P MUTE
DTMF
LOW
TP
OSC.
OSCILLATION
Figure 3. Pause Function Timing Dragram
HKS
KEY IN
4 TKID
2
PT
8
DP
B TPDP
M TIDP
B
M TIDP
T/P MUTE TP
DTMF
OSC.
OSCILLATION
Figure 4. Pulse-to-Tone Function Timing Dragram
- 11 -
Publication Release Date: January 1995 Revision A3
W91410 SERIES
Headquarters
No. 4, Creation Rd. III, Science-Based Industrial Park, Hsinchu, Taiwan TEL: 886-3-5770066 FAX: 886-3-5792697 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-7197006
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, 123 Hoi Bun Rd., Kwun Tong, Kowloon, Hong Kong TEL: 852-27516023 FAX: 852-27552064
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2730 Orchard Parkway, San Jose, CA 95134, U.S.A. TEL: 1-408-9436666 FAX: 1-408-9436668
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-7190505 FAX: 886-2-7197502
Note: All data and specifications are subject to change without notice.
- 13 -
Publication Release Date: January 1995 Revision A3


▲Up To Search▲   

 
Price & Availability of W91410-SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X